công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C186EB bảng dữ liệu(PDF) 38 Page - Intel Corporation

tên linh kiện 80C186EB
Giải thích chi tiết về linh kiện  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB bảng dữ liệu(HTML) 38 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 34Page - Intel Corporation 80C186EB Datasheet HTML 35Page - Intel Corporation 80C186EB Datasheet HTML 36Page - Intel Corporation 80C186EB Datasheet HTML 37Page - Intel Corporation 80C186EB Datasheet HTML 38Page - Intel Corporation 80C186EB Datasheet HTML 39Page - Intel Corporation 80C186EB Datasheet HTML 40Page - Intel Corporation 80C186EB Datasheet HTML 41Page - Intel Corporation 80C186EB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC TEST CONDITIONS
The AC specifications are tested with the 50 pF load
shown in Figure 7 See the Derating Curves section
to see how timings vary with load capacitance
Specifications are measured at the VCC 2 crossing
point unless otherwise specified See AC Timing
Waveforms for AC specification definitions test
pins and illustrations
272433 – 8
CL e 50 pF for all signals
Figure 7 AC Test Load
AC TIMING WAVEFORMS
272433 – 9
Figure 8 Input and Output Clock Waveform
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59