| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS8083APZP bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS8083APZP bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 64 page ![]() 3–2 3.1.2 Read Format First write the subaddress, where data needs to be read out, to the THS8082/3A in the following format: S Slave address(w) A Subaddress A P Then: S Slave address(r) A DataN AM Data(N+1) AM …… NAM P S Start condition Slave address(r) 01000001 (0x41) if I2CA=0 / 01000011 (0x43) if I2CA=1 A Acknowledge, generated by the THS8082/3A. If transmission is successful, then A = 0, else A = 1. AM Acknowledge, generated by a master NAM Not acknowledge, generated by a master Subaddress Subaddress of the first register to read, length = one byte Data0 First byte of the data read Data(N–1) Nth byte of the data read P Stop condition In both write and read operations, the subaddress is incremented automatically when multiple bytes are written/read. So, only the first subaddress needs to be supplied to the THS8082/3A. R/W registers can be written and read. R registers are read-only. |