| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SX28AC75-I/DP bảng dữ liệu(PDF) 33 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SX28AC75-I/DP bảng dữ liệu(HTML) 33 Page - List of Unclassifed Manufacturers |
|
33 / 52 page ![]() © 2000 Scenix Semiconductor, Inc. All rights reserved. - 33 - www.scenix.com SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75 15.12 Subroutine Operation 15.12.1 Push Operation When a subroutine is called, the return address is pushed onto the subroutine stack. Specifically, each address in the stack is moved to the next lower level in order to make room for the new address to be stored. Stack 1 receives the contents of the program counter. Stack 8 is overwritten with what was in Stack 7. The con- tents of stack 8 are lost. 15.12.2 Pop Operation When a return instruction is executed the subroutine stack is popped. Specifically, the contents of Stack 1 are copied into the program counter and the contents of each stack level are moved to the next higher level. For exam- ple, Stack 1 receives the contents of Stack 2, etc., until Stack 7 is overwritten with the contents of Stack 8. Stack 8 is left unchanged, so the contents of Stack 8 are dupli- cated in Stack 7. PC<10:0> STACK 1 STACK 2 STACK 3 STACK 4 STACK 5 STACK 6 STACK 7 STACK 8 PC<10:0> STACK 1 STACK 2 STACK 3 STACK 4 STACK 5 STACK 6 STACK 7 STACK 8 |