công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX20AC75-I/DP bảng dữ liệu(PDF) 33 Page - List of Unclassifed Manufacturers

tên linh kiện SX20AC75-I/DP
Giải thích chi tiết về linh kiện  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/DP bảng dữ liệu(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/DP Datasheet HTML 29Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 30Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 31Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 32Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 33Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 34Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 35Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 36Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 33 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
15.12
Subroutine Operation
15.12.1 Push Operation
When a subroutine is called, the return address is
pushed onto the subroutine stack. Specifically, each
address in the stack is moved to the next lower level in
order to make room for the new address to be stored.
Stack 1 receives the contents of the program counter.
Stack 8 is overwritten with what was in Stack 7. The con-
tents of stack 8 are lost.
15.12.2 Pop Operation
When a return instruction is executed the subroutine
stack is popped. Specifically, the contents of Stack 1 are
copied into the program counter and the contents of each
stack level are moved to the next higher level. For exam-
ple, Stack 1 receives the contents of Stack 2, etc., until
Stack 7 is overwritten with the contents of Stack 8. Stack
8 is left unchanged, so the contents of Stack 8 are dupli-
cated in Stack 7.
PC<10:0>
STACK 1
STACK 2
STACK 3
STACK 4
STACK 5
STACK 6
STACK 7
STACK 8
PC<10:0>
STACK 1
STACK 2
STACK 3
STACK 4
STACK 5
STACK 6
STACK 7
STACK 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52