công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T85C5121-ICSIL bảng dữ liệu(PDF) 77 Page - ATMEL Corporation

tên linh kiện T85C5121-ICSIL
Giải thích chi tiết về linh kiện  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T85C5121-ICSIL bảng dữ liệu(HTML) 77 Page - ATMEL Corporation

Back Button T85C5121-ICSIL Datasheet HTML 73Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 74Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 75Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 76Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 77Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 78Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 79Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 80Page - ATMEL Corporation T85C5121-ICSIL Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
77
T8xC5121
4164E–SCR–02/04
Reset Value = 0000 0000b
Table 56. TMOD Register
TMOD (S:89h) - Timer 0/Counter Mode Control Registers
765
4
321
0
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
Bit Number
Bit Mnemonic
Description
7GATE1
Timer 1 Gating Control bit
Clear to enable Timer 1 whenever TR1 bit is set.
Set to enable Timer 1 only while INT1 pin is high and TR1 bit is set.
6C/T1#
Timer 1 Counter/Timer 0 Select bit
Clear for Timer 0 operation: Timer 1 counts the divided-down system clock.
Set for Counter operation: Timer 1 counts negative transitions on external pin T1.
5M11
Timer 1 Mode Select bits
M11
M01
Operating mode
0
0
Mode 0:8-bit Timer 0/Counter (TH1) with 5-bit prescaler (TL1).
0
1
Mode 1:16-bit Timer 0/Counter.
1
0
Mode 2:8-bit auto-reload Timer 0/Counter (TL1). Reloaded from TH1 at overflow.
1
1
Mode 3:Timer 1 halted. Retains count.
4M01
3GATE0
Timer 0 Gating Control bit
Clear to enable Timer 0 whenever TR0 bit is set.
Set to enable Timer 0/Counter 0 only while INT0 pin is high and TR0 bit is set.
2C/T0#
Timer 0 Counter/Timer 0 Select bit
Clear for Timer 0 operation: Timer 0 counts the divided-down system clock.
Set for Counter operation: Timer 0 counts negative transitions on external pin T0.
1M10
Timer 0 Mode Select bit
M10
M00
Operating mode
0
0
Mode 0:8-bit Timer 0/Counter (TH0) with 5-bit prescaler (TL0).
0
1
Mode 1:16-bit Timer 0/Counter
1
0
Mode 2:8-bit auto-reload Timer 0/Counter (TL0). Reloaded from TH0 at overflow.
1
1
Mode 3:TL0 is an 8-bit Timer 0/Counter.
TH0 is an 8-bit Timer 0 using Timer 1’s TR0 and TF0 bits.
0M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com