| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SX20AC75 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SX20AC75 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 52 page ![]() © 2000 Scenix Semiconductor, Inc. All rights reserved. - 5 - www.scenix.com SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75 2.0 CONNECTION DIAGRAMS 2.1 Pin Assignments 2.2 Pin Descriptions SSOP 1 2 3 4 5 6 7 8 16 15 RC4 RC3 RB6 RB5 SX 28-PIN OSC2 RC7 RC6 RC5 Vdd Vdd RA2 RA3 RB0 RB1 RB2 RB3 RB4 Vss MCLR OSC1 RC2 RC1 RC0 RB7 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 Vss RTCC RA0 RA1 1 2 3 4 5 6 7 8 16 15 RC4 RC3 RB6 RB5 SX 28-PIN OSC2 RC7 RC6 RC5 n.c. Vss RA2 RA3 RB0 RB1 RB2 RB3 RB4 MCLR OSC1 RC2 RC1 RC0 RB7 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 RTCC Vdd RA0 RA1 n.c. DIP/SOP 1 2 3 4 5 6 7 8 16 15 RB5 RB4 SX 20-PIN OSC2 RTCC RA0 RB0 RB1 RB2 RB3 MCLR OSC1 Vdd Vdd RB7 RB6 9 10 14 13 12 11 20 19 18 17 RA2 RA3 Vss RA1 Vss SSOP 1 2 3 4 5 6 7 8 16 15 RB5 RB4 SX 18-PIN OSC2 RTCC RA0 RB0 RB1 RB2 RB3 MCLR OSC1 Vdd RB7 RB6 9 10 14 13 12 11 18 17 RA2 RA3 RA1 Vss DIP/SOP Name Pin Type Input Levels Description RA0 I/O TTL/CMOS Bidirectional I/O Pin; symmetrical source / sink capability RA1 I/O TTL/CMOS Bidirectional I/O Pin; symmetrical source / sink capability RA2 I/O TTL/CMOS Bidirectional I/O Pin; symmetrical source / sink capability RA3 I/O TTL/CMOS Bidirectional I/O Pin; symmetrical source / sink capability RB0 I/O TTL/CMOS/ST Bidirectional I/O Pin; comparator output; MIWU input RB1 I/O TTL/CMOS/ST Bidirectional I/O Pin; comparator negative input; MIWU input RB2 I/O TTL/CMOS/ST Bidirectional I/O Pin; comparator positive input; MIWU input RB3 I/O TTL/CMOS/ST Bidirectional I/O Pin; MIWU input RB4 I/O TTL/CMOS/ST Bidirectional I/O Pin; MIWU input RB5 I/O TTL/CMOS/ST Bidirectional I/O Pin; MIWU input RB6 I/O TTL/CMOS/ST Bidirectional I/O Pin; MIWU input RB7 I/O TTL/CMOS/ST Bidirectional I/O Pin; MIWU input RC0 I/O TTL/CMOS/ST Bidirectional I/O pin RC1 I/O TTL/CMOS/ST Bidirectional I/O pin RC2 I/O TTL/CMOS/ST Bidirectional I/O pin RC3 I/O TTL/CMOS/ST Bidirectional I/O pin RC4 I/O TTL/CMOS/ST Bidirectional I/O pin RC5 I/O TTL/CMOS/ST Bidirectional I/O pin RC6 I/O TTL/CMOS/ST Bidirectional I/O pin RC7 I/O TTL/CMOS/ST Bidirectional I/O pin RTCC I ST Input to Real-Time Clock/Counter MCLR I ST Master Clear reset input – active low OSC1/In/Vpp I ST Crystal oscillator input – external clock source input OSC2/Out O CMOS Crystal oscillator output – in R/C mode, internally pulled to Vdd through weak pull-up Vdd P – Positive supply pin Vss P – Ground pin Note:I = input, O = output, I/O = Input/Output, P = Power, TTL = TTL input, CMOS = CMOS input, ST = Schmitt Trigger input, MIWU = Multi-Input Wakeup input |