| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACTF5565/465.0/QCC8C bảng dữ liệu(PDF) 2 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF5565/465.0/QCC8C bảng dữ liệu(HTML) 2 Page - Advanced Crystal Technology |
|
2 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com 4. Typical Frequency Response 5.Performance 5-1. Maximum Ratings Rating Value Unit Input Power Level 10 dBm DC Voltage 12 V Storage Temperature -40 to +85 °C Soldering Temperature +235 °C Issue : 1.1 C1 Date : March 2010 |