| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMV71 bảng dữ liệu(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMV71 bảng dữ liệu(HTML) 6 Page - ATMEL Corporation |
|
6 / 19 page ![]() 6 ASF • Add WINC3400 support and updating WINC1500 firmware to 19.4.4 • Add WILC1000/3000 support Release ASF3.28 (Nov 2015) • Add SAM B11 device and Xplained Pro board support • Add SAM E70 XPLD board and examples support • Add ATmega328PB device and XMINI board support • Add SAM4ECB device support • TAL and Performance Analyzer application support for RF215v3(Rev. D) Release ASF3.27.3 (Sep 2015) • BluSDK3.0 Beta (BLE 4.1) support • Add Module config file for Performance analyzer application component Release ASF3.27 (Sep 2015) • Add SAM L22 device and Xplained Pro kit support • Add SAM D09 device support • Add more modules support for SAM V70/V71/E70/S70 • Drivers: MCAN, USBHS • Service: USB • Component: s25flxx, sd_mmc, ili9488, wm8904, is42s16100e • Third party: FreeRTOS, lwip, fatfs, CMSIS • Add ADP service and example on SAM D21 Xplained Pro kit Release ASF3.26 (Aug 2015) • Add SAML21 revB device support • Add SAMR21E19 device support • Add SAMD21GxL device support • Add MEGA328P XMINI board support • Add more modules support for SAM V70/V71/E70/S70 • Drivers: XDMA, GMAC, USART • Component: at24macxx, ksz8061rnb • Support for Proximetry Cloud solution in SmartConnect 6LoWPAN Stack • WINC1500 driver update to rev 19.3.0 Release ASF3.25 (Jul 2015) • Add SAMC20/SAMC21 device and SAMC21 Xplained Pro kit support in ASF: • Drivers: AC, ADC, BOD, CAN, CCL, DAC, DIVAS, DMA, EVENTS, EXTINT, NVM, PAC, PORT, RTC, SDADC, SERCOM(SPI, USART, I2C), System(clock, interrupt, pinmux, power, reset), TC, TCC, WDT • Services: eeprom, delay • Third party: CMSIS, freertos, fatfs • Applications: led_toggle, getting-started, dac_sound_player, sleepwalking_adc, xosc32k_failure_detector • SAM V70/V71/E70/S70 devices and SAMV71-ULTR board support • Drivers: AFEC, ACC, CHIPID, AES, DAC, EFC, GPBR, ICM, MATRIX, PIO, PMC, PWM, RSTC, RTC, RTT, SMC, SSC, SUPC, SPI, TC, TRNG, TWIHS, UART, USART, WDT • Services: flash_efc, delay, clock, ioport, serial, sleepmgr |