| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-3000 bảng dữ liệu(PDF) 4 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-3000 bảng dữ liệu(HTML) 4 Page - Pixart Imaging Inc. |
|
4 / 10 page ![]() 4 Overview of Optical Mouse Sensor Assembly PixArt Imaging provides an IGES file drawing describing the base plate molding features for lens and PCB align- ment. The ADNS-3000 sensor is designed for mounting on a through-hole PCB, looking down. There is an aperture stop and features on the package that align to the lens. The ADNS-5110-001 and ADNS-5120-002 lens provides optics for the imaging of the surface as well as the illumination of the surface at the optimum angle. Features on the lens align, base it to the sensor plate, and clip with the LED. The LED clip holds the LED in relation to the lens. The LED must be inserted into the clip and the LED’s leads formed prior to loading on the PCB. The LEDs recommended for illumination include, HSDL-4261 IR LED HLMP-EG3E-xxxxx Red LED. Figure 3. Recommended PCB Mechanical Cutouts and Spacing All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw PixArt Imaging Inc. ADNS-3000 Low Power Optical Mouse Sensor |