| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny167 bảng dữ liệu(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny167 bảng dữ liệu(HTML) 14 Page - ATMEL Corporation |
|
14 / 20 page ![]() © 2013 / www.atmel.com 14 Automotive RF Solutions Car Access Having launched its first dedicated car access Atmel continues to recognize the importance of security in the automotive area. Atmel offers a comprehensive range of car access solutions from immobilizers to full-duplex transceivers perfect for the prevention of automotive theft. The Atmel automotive safety Watchdog ICs Stand-alone Body Electronic ICs portfolio also features extremely secure Passive Entry Go (PEG) solutions. In fact, Atmel provides all the devices needed to design a complete car access system. Customers have the flexibility to create their own dedicated designs using the low-power Atmel transmitter IC, receiver IC, and microcontroller families. Part No. Description Package ATA6020 Watchdog IC, Programmable via Metal Mask (Based on the Atmel ATAR080 Microcontroller) SO20 ATA5021 Watchdog Timer, Active and Sleep Mode, 1 Wake-up Input, Enable Output SO8 |