| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny25 bảng dữ liệu(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny25 bảng dữ liệu(HTML) 19 Page - ATMEL Corporation |
|
19 / 20 page ![]() Atmel Automotive Solutions 19 Atmel Automotive Solutions Atmel has over 30 years experience in designing broad- cast radio solutions. The company’s in-depth know-how and high quality standards (ISO9001 and ISO16949) make it possible to achieve the stringent quality and performance requirements of the car radio market. Active Antenna ICs Atmel Car Radio Solutions Today, Atmel is recognized for offering IC solutions with maximum performance, flexibility and integration levels required for the rapidly expanding AM/FM active antenna market. Atmel antenna devices can be used in any antenna regardless of design type—pole, shark fin, short pole or glass/window antenna. Part No. Description Package ATR4251C Low-noise AM/FM Antenna Amplifier with AGC Function at AM and FM, and Large AM Frequency Range SSO20 QFN24 ATR4252C All-in-one IC Solution for Active Antennas QFN28 ATR4253C Integrated Circuit Solution for Active Antennas (FM, DAB, DVB-T, ISDB-T) QFN16 |