| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega103 bảng dữ liệu(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega103 bảng dữ liệu(HTML) 22 Page - ATMEL Corporation |
|
22 / 61 page ![]() Hardware Description 3-12 AVR STK500 User Guide 1925C–AVR–3/03 3.7.2.1 Parallel High-voltage Programming To use High-voltage Programming, the programming signal must be routed to the AVR I/O pins. The two 10-wire cables supplied with the STK500 can be used to connect the PROG DATA header to the PORTB header and the PROG CTRL header to the PORTD header, as shown in Figure 3-17. Figure 3-17. Connection for Parallel High-voltage Programming Some of the jumper settings on STK500 must be changed when using High-voltage Pro- gramming. Figure 3-18 explains these jumper settings. |