công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega163 bảng dữ liệu(PDF) 14 Page - ATMEL Corporation

tên linh kiện ATmega163
Giải thích chi tiết về linh kiện  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 bảng dữ liệu(HTML) 14 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 10Page - ATMEL Corporation ATmega163 Datasheet HTML 11Page - ATMEL Corporation ATmega163 Datasheet HTML 12Page - ATMEL Corporation ATmega163 Datasheet HTML 13Page - ATMEL Corporation ATmega163 Datasheet HTML 14Page - ATMEL Corporation ATmega163 Datasheet HTML 15Page - ATMEL Corporation ATmega163 Datasheet HTML 16Page - ATMEL Corporation ATmega163 Datasheet HTML 17Page - ATMEL Corporation ATmega163 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Hardware Description
3-4
AVR STK500 User Guide
1925C–AVR–3/03
Figure 3-6. Pinout of PORTE Header
The special functions of this port are:
n PE0 - PE2:
n REF: Analog reference voltage. This pin is connected to the AREF pin on devices
having a separate analog reference pin.
n XT1: XTAL 1 pin. The internal main clock signal to all sockets. If the XTAL1 jumper is
disconnected, this pin can be used as external clock signal.
n XT2: XTAL 2 pin. If the XTAL1 jumper is disconnected, this pin can be used for
external crystal with the XT1 pin.
The headers for the LEDs and switches use the same pinout as the I/O port headers.
The pinout of the switch header is explained in Figure 3-7 and the pinout for the LED
header is explained in Figure 3-8. The square marking indicates pin 1.
Figure 3-7. Pinout of the Switch Header
Figure 3-8. Pinout of the LED Header
Table 3-1. PORTE Connection
ATmega161
AT90S4414/AT90S8515
PE0
PE0/ICP/INT2
ICP
PE1
PE1/ALE
ALE
PE2
PE2/OC1B
OC1B
PE1
RST
GND
XT2
VTG
PE0
PE2
REF
XT1
GND
1 2
PORTE/AUX
SW1
SW3
SW5
SW7
VTG
SW0
SW2
SW4
SW6
GND
1 2
SWITCHES
LED1
LED3
LED5
LED7
VTG
LED0
LED2
LED4
LED6
GND
1 2
LEDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com