| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega48P bảng dữ liệu(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48P bảng dữ liệu(HTML) 10 Page - ATMEL Corporation |
|
10 / 20 page ![]() 10 © 2013 / www.atmel.com 10 Body Electronics and Powertrain With 30 years experience in body electronic and power- train designs, Atmel is a market leader in numerous areas. In the ever-growing LIN bus system segment, Atmel offers products at all integration levels—from simple transceiver ICs to complex system basis chips (SBC). At higher integration levels, Atmel provides complete System-in-Package (SIP) solutions, including an Atmel AVR microcontroller, LIN transceiver, voltage regulator and watchdog in one single package. The advantages of silicon on insulator (SOI) technology make it possible to develop ICs with outstanding electromagnetic immunity (EMI and ESD). Atmel is committed to offering its customers optimal LIN solutions as the LIN area continues to develop and evolve. Atmel driver ICs are capable of handling environmental temperatures of 150ºC and junction temperatures of 200ºC, making their use possible in most high- temperature automotive applications. With few external components, Atmel driver ICs with LIN communication and AVR microcontrollers combine to create cost-efficient motor driver modules complete with LIN functionality, which can equally be used in harsh automotive conditions. • In-Vehicle Networking (IVN, including LIN, CAN, and microcontrollers) • Standard and high-temperature drivers, motor-driver system basis chips • Watchdogs • Li-ion battery management and replacement of standard lead-acid batteries |