| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK503 bảng dữ liệu(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
STK503 bảng dữ liệu(HTML) 15 Page - ATMEL Corporation |
|
15 / 17 page ![]() 15 Troubleshooting Guide Programming problems Problem Cause Solution ISP programming does not work ISP cable is not connected Connect a 6-pin cable between the ISP6PIN connector on STK500 and the ISP connector on STK503. See also Programming the AVR. ISP programming does not work The ISP clock is to fast if the AVR is running at a low clock frequency. Make sure the clock switch on STK503 is in the right position. In the Board page of the programming dialog in AVR Studio, try reducing the ISP clock frequency. High-Voltage programming does not work. The 10-pin cables are not connected correctly. See the Programming the AVR chapter for setup. High-Voltage programming does not work. The BSEL2, OSCSEL, RESET and VTARGET jumpers on STK500 are not set right. See the Programming the AVR chapter for setup. High-Voltage programming does not work. The STK504 clock switch is in the wrong position. Set the switch to the STK500 position. See also Programming the AVR. General problems Problem Cause Solution Some of the port pins are not working . The AVR is not properly mounted in the ZIF socket. Make sure the chip is properly aligned in the socket. When the spring-loaded latch is depressed, the chip should fit nicely into the bottom of the socket. The code isn't running. The AVR has no/wrong clock source. According to the clock fuse setting, select the appropriate clock source on STK500 and STK503. Check the OSCSEL jumper on STK500 and clock switch on STK503. If you are using a crystal in one of the sockets, check that it is firmly mounted in its socket. The AVR will not run on x MHz, but works ok on lower frequencies. The clock frequency is exceeding the clock rate of the AVR (at a certain operating voltage). Check that you are running the AVR within specifications. Check the speed grade of the AVR and consult the datasheet for operating frequencies and voltages. The AVR will not run on x MHz, but works ok on lower frequencies. I have a x MHz crystal mounted on STK500 Crystals should be placed in the crystal socket on STK503. Place the crystal in the socket on STK503. Set the clock switch to the position closest to the crystal socket.. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |