| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM2-3 bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2-3 bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 6 page ![]() AT90PWM2/3 Programming User Guide -1 7654A–AVR–06/06 Section 1 AT90PWM2/3 Programming Guide 1.1 Introduction This document is intended for AT90PWM2/3 users, it focuses on fuse bit programming and configuration. It also provides information and synthesis about fuse bit configuration versus different Atmel hardware development kits using AT90PWM2/3. For each hardware element referenced in this document please refer to the correspond- ing hardware user guide available on the Atmel web site. 1.2 General Remarks Concerning Fuse Bits When DWEN fuse bit is enable there is no more ISP. The only way to disable this fuse is parallel programming or Debug wire using JTAGICE mkII (open project, start debugging session, then in JTAGICE mkII options there is a “Disable DebugWire” button). When SPIEN fuse bit is disable there is no more ISP, the only wayto enable it is parallel programming . On AT90PWM2/3, When PSCxRB or PSCRV fuse are used, the parallel programming fails, ISP must be used to desativate these fuse bits or to program the part. Warning: If SPIEN fuse is disable and PSCxRB used, the chip’s firmware can be pro- grammed using DebugWire only. The fuse bits cannot be changed any more. Table 1-1. Fuse bit configuration vs effect on ATAVRMC100, ATAVRMC200, ATAVRFBKIT, STK500+STK520 used with AT90PWM2/3 Rev A PSCxRB RSTDISBLE DWEN SPIEN ATAVRMC100, ATAVRMCMC200, ATAVRFBKIT STK500 and STK520 AT90PWM2/3 is no more programmable, it must be unsoldered AT90PWM2/3 can be programmed using parallel programming only ⌧ AT90PWM2/3 code can be programmed using ISP only. AT90PWM2/3 code can be programmed using ISP and parallel programming. ⌧ AT90PWM2/3 code can be programmed using Debugwire only. Fuse bits are no more accessible. AT90PWM2/3 code can be programmed using Debugwire and parallel programming only. ⌧ ⌧ AT90PWM2/3 code can be programmed using Debugwire Fuse bits are accessible in ISP mode only. AT90PWM2/3 code can be programmed using Debugwire and parallel programming. |