công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-77100 bảng dữ liệu(PDF) 21 Page - Seiko Instruments Inc

tên linh kiện S-77100
Giải thích chi tiết về linh kiện  POWER SEQUENCER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-77100 bảng dữ liệu(HTML) 21 Page - Seiko Instruments Inc

Back Button S-77100 Datasheet HTML 17Page - Seiko Instruments Inc S-77100 Datasheet HTML 18Page - Seiko Instruments Inc S-77100 Datasheet HTML 19Page - Seiko Instruments Inc S-77100 Datasheet HTML 20Page - Seiko Instruments Inc S-77100 Datasheet HTML 21Page - Seiko Instruments Inc S-77100 Datasheet HTML 22Page - Seiko Instruments Inc S-77100 Datasheet HTML 23Page - Seiko Instruments Inc S-77100 Datasheet HTML 24Page - Seiko Instruments Inc S-77100 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
POWER SEQUENCER
Rev.1.0_01
S-77100/77101 Series
21
3. 2. 2 Operation when low voltage is detected
(1) When low voltage is detected during power-good period
Since the ENBL_x pins all change to "L" when the power supply voltage (VDD) is equal to or lower than the low
voltage detection voltage (VUVLO), the off-sequence operation timing is not guaranteed. Thereafter, if the ON
pin is "H" when VDD exceeds VUVLO, the on-sequence operation is performed automatically. If the ON pin is "L"
when VDD exceeds VUVLO, the on-sequence operation is not performed. In order to perform the on-sequence
operation, set the ON pin to "H" again. The operation example is shown in Figure 23.
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
VDD
VUVLO
VSS
OFF
On-sequence period
On-sequence period
Power-good period
Power-good
period
Figure 23
(2) When low voltage is detected during on-sequence period and off-sequence period
Since the ENBL_x pins all change to "L" when VDD is equal to or lower than VUVLO during on-sequence period
or off-sequence period, the off-sequence operation timing is not guaranteed. In addition, CDLY charge operation
is stopped and the automatic discharge operation is started. The operation example is shown in Figure 24.
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
VDD
VUVLO
VSS
OFF
ON
CDLY
ENBL_A
ENBL_B
ENBL_C
VDD
VUVLO
VSS
OFF
Original on-sequence period
Original off-sequence period
Figure 24
Remark Refer to "3. Automatic discharge time (tDCHG) approximate calculation formula" in " Relation
between Delay Time and External Capacitor" for the automatic discharge operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com