| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89042 bảng dữ liệu(PDF) 3 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
P89042 bảng dữ liệu(HTML) 3 Page - Aplus Intergrated Circuits |
|
3 / 19 page ![]() Integrated Circuits Inc. aP89042 Ver5.0 Aug 23, 2010 3 PIN CONFIGURATIONS PIN NAMES PIN Playback Mode OTP Program Mode Description 1 S8 - Trigger pin (input with internal pull-down) 2 OUT1 OEB Programmable output (I/O pin) 3 VOUT1 - PWM output to drive speaker directly 4 VOUT2 - PWM output to drive speaker directly 5 VSS VSS Power Ground 6 OUT2 IO Programmable output (I/O pin) 7 OUT3 - Programmable output (I/O pin) 8 COUT - D/A current output 9 OSC ACLK Oscillator input 10 S5 S5 Trigger pin (input with internal pull-down) 11 S6 S6 Trigger pin (input with internal pull-down) 12 VPP VPP Supply voltage for OTP programming 13 S1 S1 Trigger pin (input with internal pull-down) 14 S2 S2 Trigger pin (input with internal pull-down) 15 VDD VDD Positive Power Supply 16 S3 S3 Trigger (input with internal pull-down) 17 S4 S4 Trigger (input with internal pull-down) 18 SBT PGM Trigger pin (input with internal pull-down) 19 RST DCLK Reset pin (input with internal pull-down) 20 S7 S7 Trigger pin (input with internal pull-down) DIP / SOP 300 MIL S8 OUT1 VOUT1 VOUT2 VSS OUT2 OUT3 COUT 1 2 3 4 5 6 7 8 20 19 18 17 16 15 14 13 S1 S3 S2 VDD S4 SBT RST S7 OSC S5 9 10 12 11 S6 VPP |