| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTP777 bảng dữ liệu(PDF) 4 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
MTP777 bảng dữ liệu(HTML) 4 Page - Aplus Intergrated Circuits |
|
4 / 8 page ![]() Integrated Circuits Inc. aMTP777 MAY 10, 2011 4 BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Rating Unit VDD - VSS -0.5 ~ +4.0 V VIN VSS - 0.3<VIN<VDD + 0.3 V VOUT VSS <VOUT<VDD V T (Operating): 0 ~ +85 ℃ T (Junction) -40 ~ +125 ℃ T (Storage) -55 ~ +125 ℃ VOICE DURATION (@ 6KHz sampling rate) SPI Flash Size 4-bit ADPCM 8-bit PCM 10-bit PCM 16M bit 682 sec 341 sec 272 sec 32M bit 1364 sec 682 sec 545 sec 64M bit 2728 sec 1364 sec 1091 sec 128M bit 5456 sec 2728 sec 2182 sec Oscillator Clock Tree Generator I/O 8-bit MCU MEMORY PWM Driver & DAC OSC PB0 ~ 3 PC0 ~ 3 PD0 ~ 2 PE0 ~ 3 PF0 ~ 3 VDD, VDDA, VPP VSS, VSSA VOUT1 VOUT2_ COUT |