| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFH4716S bảng dữ liệu(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH4716S bảng dữ liệu(HTML) 2 Page - OSRAM GmbH |
|
2 / 13 page ![]() 2016-01-29 2 Version 1.5 SFH 4716S Maximum Ratings (TA = 25 °C) Characteristics (TA = 25 °C) Parameter Symbol Values Unit Operation and storage temperature range T op; Tstg -40 ... 125 °C Junction temperature T j 145 °C Reverse voltage V R 1 V Forward current I F 1000 mA Surge current (tp ≤ 500 µs, D = 0) I FSM 5 A Power consumption Ptot 3.4 W ESD withstand voltage (acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM) VESD 2 kV Thermal resistance junction - solder point RthJS 11 K / W Note: For the forward current and power consumption please see "maximum permissible forward current" diagram Parameter Symbol Values Unit Peak wavelength (I F = 1 A, tp = 10 ms) (typ) λ peak 860 nm Centroid wavelength (IF = 1 A, tp = 10 ms) (typ) λ centroid 850 nm Spectral bandwidth at 50% of Imax (IF = 1 A, tp = 10 ms) (typ) ∆λ 30 nm Half angle (typ) ϕ ± 75 ° Dimensions of active chip area (typ) L x W 1 x 1 mm x mm Rise and fall times of I e ( 10% and 90% of Ie max) (I F = 5 A, RL = 50 Ω) (typ) t r / tf 7/ 14 ns Forward voltage (IF = 1 A, tp = 100 µs) (typ (max)) V F 2.9 (≤ 3.4) V Forward voltage (IF = 5 A, tp = 100 µs) (typ (max)) VF 3.5 (≤ 4.5) V Total radiant flux (I F = 1A, tp = 100 µs) (typ) Φe 1030 mW |