| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCDQ5543P bảng dữ liệu(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SCDQ5543P bảng dữ liệu(HTML) 4 Page - OSRAM GmbH |
|
4 / 16 page ![]() 2010-04-13 4 SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R Package Outlines Dimensions in mm (inch) IDOD5001 4.75 (0.187) 2.83 (0.112) Typical Package Outline & Matrix 3.4 (0.134) 19.91 (0.784) SCDQ554XP SIP Package 1) 1.65 (0.065) ±0.38 (0.015) 5.96 (0.235) ±0.25 (0.010) 2 (0.079) Tolerance-Non Cum. Pin 1 0.3 (0.012) x 0.46 (0.018) ±0.05 (0.002) SCDQ554XQ 90˚ SIP Package 1) 4.06 (0.160) Pin 1 5.96 (0.235) ±0.38 (0.015) 2 (0.079) ±0.25 (0.010) 1) Pin 1 4 (0.157) 9.98 (0.393) ±0.38 (0.015) SCDQ554XR 90˚ Connector/Header Package RoHS Compliant (lead-free) have a "Z" marked to the right of the date code. 2) Molex header, 53290-0510 mounted on the display. 3) Molex receptacle, 52418-0510 mounted on the customer’s PCB. Supplied by the customer. Use Pin 1 designation on this drawing, not the Molex connector specification. 4) Unless otherwise specified all tolerances are ±0.25 (0.010). ±0.25 (0.010) 0.3 (0.012) x 0.46 (0.018) ±0.05 (0.002) 3) 1) 1) 1) 2) 1) Part marking is on this side of the display. SCDQ554xx OSRAM YYWW VZ 5) 5) Part marking = Pin 1 Locator V = Hue Bin (No Hue for red or orange) Z = LI Bin YYWW = Date Code |