| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UU9792G-P48-R bảng dữ liệu(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UU9792G-P48-R bảng dữ liệu(HTML) 5 Page - Unisonic Technologies |
|
5 / 15 page ![]() UU9792 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 15 www.unisonic.com.tw QW-R125-047.a FUNCTION DESCRIPTIONS Command/Data transfer method This device is controlled by 2wire serial signal(SDA,SCL)。 It has to generate the condition such as Start condition and Stop condition in 2wire serial interface transfer method. Method of how to transfer command and data is shown as follows. 1. Generate “start condition” 2. Issue Slave address 3. Transfer command and display data Acknowledge Data format is 8bits and return Acknowledge after transfer 8bits data. When SCL 8 th = “L” after transfer 8bit data (Slave address, Command display data),output open SDA line. When SCL 9 th = “L”, stop output function. (As Output format is NMOS-Open-Drain, can’t output ‘H’ level.) If no need Acknowledge function, Please input ‘L’ level from SCL 8th= ‘L’ to SCL 9th= ‘L’ |