công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACTF9001/1220.0/QCC8B bảng dữ liệu(PDF) 4 Page - Advanced Crystal Technology

tên linh kiện ACTF9001/1220.0/QCC8B
Giải thích chi tiết về linh kiện  RF filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACT [Advanced Crystal Technology]
Trang chủ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9001/1220.0/QCC8B bảng dữ liệu(HTML) 4 Page - Advanced Crystal Technology

  ACTF9001/1220.0/QCC8B Datasheet HTML 1Page - Advanced Crystal Technology ACTF9001/1220.0/QCC8B Datasheet HTML 2Page - Advanced Crystal Technology ACTF9001/1220.0/QCC8B Datasheet HTML 3Page - Advanced Crystal Technology ACTF9001/1220.0/QCC8B Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
4 OF 4
5-3.Electronic characteristics
Operating temperature range:
T = 20
°c … 70 °c
Terminating source impedance:
ZS= 200 Ω
Terminating load impedance:
ZL = 200 Ω
Characteristic
Min.
Typ.
Max.
Units
Centre Frequency
fC
1220.0
MHz
Minimum Insertion Loss
IL min
1210.00 …. 1229.00 MHz
3.5
4.5
5.8
dB
Ripple in passband
∆
α
1210.00 …. 1229.00 MHz
1.0
3.0
dB
Relative attenuation ( relative to IL min)
α
rel
500.00 …. fC–91.00 MHz
fC–91.00 …. fC–85.00 MHz
fC–76.00 …. fC–68.00 MHz
fC–88.00 MHz
fC–72.00 MHz
fC–44.00 MHz
fC–36.00 MHz
fC +70.00 …. 2000.00 MHz
46.0
46.0
42.0
46.0
44.0
46.0
42.0
46.0
56.0
56.0
51.0
56.0
54.0
56.0
48.0
51.0
dB
Group delay ripple
∆
τ
Aperture 500 kHz
1210.00 …… 1229.00 MHz
40
ns
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com