| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ABC75-1024L bảng dữ liệu(PDF) 2 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
ABC75-1024L bảng dữ liệu(HTML) 2 Page - Bel Fuse Inc. |
|
2 / 6 page ![]() ABC75 Series © 2015 Bel Power Solutions, Inc. 866.513.2839 tech.support@psbel.com BCD.00664_001 MODEL NUMBER DESCRIPTION VOLTAGE MAX. LOAD (CONVECTION) MIN. LOAD RIPPLE & NOISE 1 ABC75-1T12L ABC75-1012L Screw Terminal Molex Header 12 V 6.25 A 0.0 A 1% ABC75-1T15L ABC75-1015L Screw Terminal Molex Header 15 V 5.00 A 0.0 A 1% ABC75-1T24L ABC75-1024L Screw Terminal Molex Header 24 V 3.12 A 0.0 A 1% ABC75-1T30L ABC75-1030L Screw Terminal Molex Header 30 V 2.50 A 0.0 A 1% ABC75-1T48L ABC75-1048L Screw Terminal Molex Header 48 V 1.56 A 0.0 A 1% ABC75-1T58L ABC75-1058L Screw Terminal Molex Header 58 V 1.29 A 0.0 A 1% COVER-75-XBC metal cover kit accessory 1 Ripple is peak to peak with 20 MHz bandwidth and 10 μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage and load ranges. |