| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APAMPS-106 bảng dữ liệu(PDF) 2 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
APAMPS-106 bảng dữ liệu(HTML) 2 Page - Abracon Corporation |
|
2 / 3 page ![]() Ø75 x 14.1mm 30332Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000| fax 949-546-8001 | www.abracon.com Visitwww.abracon.com forTerms & Conditions of Sale CERTIFIED ABRACON IS CERTIFIED ABRACON IS ISO9001:2008 CERTIFIED APAMS-106 Revised: 10.23.14 RoHS/RoHS II compliant Lead in copper alloy exemption (6c); and Lead in glass exemption (7c-I) Test condition: 27x27mm ground S11: Input VSWR Test condition: DC 3.0V S21: LNA Gain ANTENNA’S IMPEDANCE AND RETURN-LOSS CHARACTERISTICS LNA REFLECTION PROFILE OUTLINE DRAWING: Unit:mm Bottom View Top View Golden SMA Connected to GSM Antenna Silver SMA Connected to GPS Antenna Parameters Description L1(Cable1 Length) 200±10cm L2(Cable2 Length) 200±10cm Antenna Dielectric Ceramics PCB FR4 GPS RF Connector Silver SMA-J3 GSM RF Connector Golden SMA-J3 Shielding Tinplate Thickness 15mm Mounting Type Screw Mount plus Adhesive Tape GPS+GSM Active Antenna Module-Screw mount plus adhesive tape. |