công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

83B3003 bảng dữ liệu(PDF) 6 Page - TE Connectivity Ltd

tên linh kiện 83B3003
Giải thích chi tiết về linh kiện  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

83B3003 bảng dữ liệu(HTML) 6 Page - TE Connectivity Ltd

Back Button 83B3003 Datasheet HTML 2Page - TE Connectivity Ltd 83B3003 Datasheet HTML 3Page - TE Connectivity Ltd 83B3003 Datasheet HTML 4Page - TE Connectivity Ltd 83B3003 Datasheet HTML 5Page - TE Connectivity Ltd 83B3003 Datasheet HTML 6Page - TE Connectivity Ltd 83B3003 Datasheet HTML 7Page - TE Connectivity Ltd 83B3003 Datasheet HTML 8Page - TE Connectivity Ltd 83B3003 Datasheet HTML 9Page - TE Connectivity Ltd 83B3003 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
408-6788
6 of 12
Rev L
Figure 7
2. Place the connector and cable inside the tool
locator, making sure that:
— the center conductor of center contact enters the
locator hole
— the connector is seated squarely on the locator
— if crimping a panel jack to the cable, the sides of
the panel jack should align with the tool jaws as
shown in Figure 9
3. Support the cable-and-connector assembly, and
squeeze the tool handles to complete the crimp as
shown in Figure 9.
6.2. For Connectors with Retractable Collars
Connectors with sliding coupling nuts (shown in Figure
10) require Special Die Set 312962-1 which is not
included in the kit and MUST be ordered separately.
Proceed as follows:
1. Slide the nut then the connector body, flange end
first, onto the cable.
2. Place the connector body and cable inside the
tool locator, making sure that the center conductor
enters the locator hole, and that the coupling nut is
positioned above the tool head.
Figure 8
Tool Setup
Die-Holding Hex Head
Screws (Captive)
Detail A
Detail B
Locator Locking
Screw (Ref)
Chamfer
Chamfer
Locator
(Typ)
Slip Cable in Locator
Between Dies. Tighten
Screws While Cable Holds
Dies in Proper Alignment
Center Conductor
of Connector Must
Enter Hole in
Locator
Crimping Connectors with Fixed Collars
(Except Right-Angle Connectors)
Connector with
Fixed Collar
Dies will Close Against
Cable and Connector to
Complete Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com