| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRPLDIM1U bảng dữ liệu(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRPLDIM1U bảng dữ liệu(HTML) 1 Page - International Rectifier |
|
1 / 12 page ![]() 1 www.irf.com International Rectifier • 233 Kansas Street, El Segundo, CA 90245 USA Features ! Drives: 1 x 32W T8 Lamp ! Input: 90-140VAC/60Hz ! High Power Factor/Low THD ! High Frequency Operation ! Lamp Filament Preheating ! Lamp Fault Protection with Auto-Restart ! Brownout Protection ! IR21592 HVIC Ballast Controller Description The IRPLDIM1U is a high efficiency, high power factor, dim- ming electronic ballast designed for driving rapid start fluo- rescent lamp types. The design contains an EMI filter, ac- tive power factor correction and a ballast control circuit us- ing the IR21592. This demo board is intended to ease the evaluation of the IR21592 Dimming Ballast Control IC, demonstrate PCB layout techniques and serve as an aid IR21592 Dimming Ballast Control IC Design Kit in the development of production ballast’s using the IR21592. IRPLDIM1U EMI Filter Half-Bridge Driver Rectifier Lamp Fault Line IR21592 Dimming Feedback Preheat Feedback Interface Dim Input PFC Output Stage Lamp Dimming Ballast Block Diagram IR21592 |
Số phần tương tự - IRPLDIM1U |
|
Mô tả tương tự - IRPLDIM1U |