| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGS903 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
MGS903 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
|
1 / 4 page ![]() GaAs Schottky Diodes Rev. V1 MGS8xx / MGS9xx Series 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features 14 Different Configurations Beam Lead, Flip Chip, or Packaged Devices Hi-Rel Screening per MIL-PRF-19500 and MIL- PRF-38534 Available Description The MGS series of GaAs Schottky diodes are designed for optimum performance in millimeter wave components operating to 60 GHz. Beam Lead Electrical Characteristics, TA = +25°C Model VF mV Δ VF mV VBR V CJ pF Δ CJ pF RS Outline Configuration Min. Max. Max. Min. Max. Max. Max. MGS901 Single Junction 650 750 — 5 0.06 — 7 GB110 MGS902 Anti-parallel Pair 650 750 20 5 0.10 — 7 GB210 MGS903 Series Tee 650 750 20 5 0.06 0.02 7 GB310 MGS904 4 Junction Ring-Quad 650 750 20 5 0.06 0.02 7 B85 MGS905 4 Junction Bridge-Quad 650 750 20 5 0.06 0.02 7 B86 MGS906 4 Junction Series-Tee 1300 1500 40 10 0.04 0.02 14 B91 MGS907 8 Junction Ring-Quad 1300 1500 40 10 0.04 0.02 14 B85 MGS907A 8 Junction Ring-Quad 1300 1500 40 10 0.06 0.02 12 B85 MGS907B 8 Junction Ring-Quad 1300 1500 40 10 0.08 0.02 10 B85 MGS908 8 Junction Quad 1300 1500 40 10 0.04 0.02 14 B86 MGS909 6 Junction Series-Tee 1800 2100 60 15 0.10 0.03 21 B90 MGS910 12 Junction Ring-Quad 1800 2100 60 15 0.10 0.03 21 B87 MGS911 12 Junction Bridge-Quad 1800 2100 60 15 0.10 0.03 21 B88 MGS912 Four Junction 2500 2900 — 20 0.03 — 28 B89 Test Conditions IF = 1 mA IR = 10 µA VR = 0 V, 1 MHz IF = 5 mA Flip Chip Electrical Characteristics, TA = +25°C Model Configuration VF mV Δ VF mV VBR V CJ pF Δ CJ pF RS Outline Min. Max. Max. Min. Max. Max. Max. MGS801 Single Junction 650 750 — 5 0.05 — 7 GC110 MGS801A Single Junction 650 750 — 5 0.075 — 5 GC110 MGS802 Anti-parallel Pair 650 750 20 5 0.10 — 7 GC210 MGS802A Anti-parallel Pair 650 750 20 5 0.15 — 5 GC210 MGS803 Series Tee 650 750 20 5 0.06 0.02 7 GC310 Test Conditions IF = 1 mA IR = 10 µA VR = 0 V, 1 MHz IF = 5 mA |
Số phần tương tự - MGS903 |
|
Mô tả tương tự - MGS903 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |