công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGS902 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MGS902
Giải thích chi tiết về linh kiện  GaAs Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MGS902 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MGS902 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MGS902 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MGS902 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MGS902 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs Schottky Diodes
Rev. V1
MGS8xx / MGS9xx Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 14 Different Configurations
 Beam Lead, Flip Chip, or Packaged Devices
 Hi-Rel Screening per MIL-PRF-19500 and MIL-
PRF-38534 Available
Description
The MGS series of GaAs Schottky diodes are
designed for optimum performance in millimeter
wave components operating to 60 GHz.
Beam Lead
Electrical Characteristics, TA = +25°C
Model
VF
mV
Δ VF
mV
VBR
V
CJ
pF
Δ CJ
pF
RS
Outline
Configuration
Min.
Max.
Max.
Min.
Max.
Max.
Max.
MGS901
Single Junction
650
750
—
5
0.06
—
7
GB110
MGS902
Anti-parallel Pair
650
750
20
5
0.10
—
7
GB210
MGS903
Series Tee
650
750
20
5
0.06
0.02
7
GB310
MGS904
4 Junction Ring-Quad
650
750
20
5
0.06
0.02
7
B85
MGS905
4 Junction Bridge-Quad
650
750
20
5
0.06
0.02
7
B86
MGS906
4 Junction Series-Tee
1300
1500
40
10
0.04
0.02
14
B91
MGS907
8 Junction Ring-Quad
1300
1500
40
10
0.04
0.02
14
B85
MGS907A
8 Junction Ring-Quad
1300
1500
40
10
0.06
0.02
12
B85
MGS907B
8 Junction Ring-Quad
1300
1500
40
10
0.08
0.02
10
B85
MGS908
8 Junction Quad
1300
1500
40
10
0.04
0.02
14
B86
MGS909
6 Junction Series-Tee
1800
2100
60
15
0.10
0.03
21
B90
MGS910
12 Junction Ring-Quad
1800
2100
60
15
0.10
0.03
21
B87
MGS911
12 Junction Bridge-Quad
1800
2100
60
15
0.10
0.03
21
B88
MGS912
Four Junction
2500
2900
—
20
0.03
—
28
B89
Test Conditions
IF = 1 mA
IR = 10 µA VR = 0 V, 1 MHz
IF = 5 mA
Flip Chip
Electrical Characteristics, TA = +25°C
Model
Configuration
VF
mV
Δ VF
mV
VBR
V
CJ
pF
Δ CJ
pF
RS
Outline
Min.
Max.
Max.
Min.
Max.
Max.
Max.
MGS801
Single Junction
650
750
—
5
0.05
—
7
GC110
MGS801A
Single Junction
650
750
—
5
0.075
—
5
GC110
MGS802
Anti-parallel Pair
650
750
20
5
0.10
—
7
GC210
MGS802A
Anti-parallel Pair
650
750
20
5
0.15
—
5
GC210
MGS803
Series Tee
650
750
20
5
0.06
0.02
7
GC310
Test Conditions
IF = 1 mA
IR = 10 µA VR = 0 V, 1 MHz
IF = 5 mA


Số phần tương tự - MGS902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
logo
Magnelab.
MGS-1800-0250 MAGNELAB-MGS-1800-0250 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0400 MAGNELAB-MGS-1800-0400 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0500 MAGNELAB-MGS-1800-0500 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0800 MAGNELAB-MGS-1800-0800 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
More results

Mô tả tương tự - MGS902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
GaAs Flip Chip Schottky Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
GaAs Beam Lead Schottky Barrier Diodes
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
GaAs Beam Lead Schottky Barrier Diodes
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
GaAs Flip Chip Schottky Barrier Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
logo
Microsemi Corporation
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
GaAs Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
GaAs Flip Chip Schottky Barrier Diodes
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
GaAs Beam Lead Schottky Diodes
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com