công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3233B-40U6T bảng dữ liệu(PDF) 87 Page - STMicroelectronics

tên linh kiện UPSD3233B-40U6T
Giải thích chi tiết về linh kiện  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T bảng dữ liệu(HTML) 87 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 83Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 84Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 85Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 86Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 87Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 88Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 89Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 90Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 176 page
background image
87/176
µPSD323X
Host Type Detection
The detection procedure conforms to the se-
quences proposed by VESA Monitor Display Data
Channel (DDC) specification. The monitor needs
to determine the type of host system:
s
DDC1 or OLD type host.
s
DDC2B host (Host is master, monitor is always
slave)
s
DDC2B+/DDC2AB(ACCESS.bus) host.
Figure 41. Host Type Detection
AI06644
Is VSYNC present?
Has a command
been received?
Is 2B+/A.B
command detected?
Is
DDC2B+/DDC2AB?
Is it DDC2B
command?
Power on
Communication
isidle
EDID sent continously using
VSYNC as clock
Is DDC2 clock
present?
Stop sending of EDID
switch to DDC2
communication mode
DDC2 communication
is idle.
Respond to
DDC2B command
Respond to DDC2B+/
DDC2AB command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com