công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIP90 bảng dữ liệu(PDF) 1 Page - XP Power Limited

tên linh kiện SIP90
Giải thích chi tiết về linh kiện  REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SIP90 bảng dữ liệu(HTML) 1 Page - XP Power Limited

  SIP90 Datasheet HTML 1Page - XP Power Limited SIP90 Datasheet HTML 2Page - XP Power Limited SIP90 Datasheet HTML 3Page - XP Power Limited SIP90 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL
OUTPUT
VOLTAGE
MAXIMUM
OUTPUT
CURRENT
SIP 90 – 0.1W
<25 – 90V
0 to 1 mA
SIP 100 – 1W
<25 – 100V
0 to 10 mA
4760W02
PAGE 1
WWW.XPPOWER.COM
90V @ 0.1W and 100V @ 1W
PRODUCT DESCRIPTION
Proven
Reliability
SIP SERIES
REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
BLOCK DIAGRAM
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
FEATURES
APPLICATIONS
• Low Ripple
• Well Regulated
• Analog Programming Voltage
• Ultra-Thin, 0.16 inches (4mm)
• High Performance Low Cost
• MTBF: >2.03 million hours per Bellcore TR-332
• Packaging: Epoxy Coated
• RoHS Compliant
• Photomultiplier Tubes
• Mass Spectrometers
• Avalanche Photodiode
• Microchannel Plates
• Piezo Materials
• Igniters
• Capacitor Charging
Ideal for APD biasing and MEMS driver applications, the SIP Series
provides high performance in an ultra-thin, miniature single in-line
package. Designed for low cost, high quantity applications, these
DC to DC converters deliver high stability with very low ripple. The
output voltage is programmable via a 0 to 5 volt analog voltage.
The output voltage is inversely related to the programming voltage,
i.e. applying 5 volts to the programming sets the output voltage to
the minimum level. Conversely, 0 volts on the programming sets the
output voltage to the maximum level. The supply is linearly program-
mable through this range*2. An enable/disable function is included.
Applying a TTL Low (open collector compatible) disables the output
voltage to less than 10 volts.


Số phần tương tự - SIP90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
logo
Amkor Technology
SIP AMKOR-SIP Datasheet
2Mb / 5P
SiPs as multi-component, multifunction products in an IC package.
02/22
logo
Multicomp Pro
SIP MULTICOMP-SIP Datasheet
110Kb / 3P
Single In Line Switches - Straight Terminals
21/3/08 REV A
logo
Samsung semiconductor
SIP-005AFS301 SAMSUNG-SIP-005AFS301 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
SIP-005AFS302 SAMSUNG-SIP-005AFS302 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
More results

Mô tả tương tự - SIP90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
XP Power Limited
C01 XPPOWER-C01 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com