| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-8244AACFN-CECT2Z bảng dữ liệu(PDF) 5 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S-8244AACFN-CECT2Z bảng dữ liệu(HTML) 5 Page - Seiko Instruments Inc |
|
5 / 32 page ![]() BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION) Rev.6.4_02 S-8244 Series 5 (2) 8-Pin MSOP Table 2 Product name Overcharge detection voltage [VCU] Overcharge hysteresis voltage [VCD] Output form S-8244AAAFN-CEAT2z 4.450 ± 0.025 V 0.38 ± 0.1 V CMOS output active “H” S-8244AABFN-CEBT2z 4.200 ± 0.025 V 0 V Nch open drain active “H” S-8244AACFN-CECT2z 4.115 ± 0.025 V 0.13 ± 0.04 V CMOS output active “H” S-8244AADFN-CEDT2z 4.200 ± 0.025 V 0 V Pch open drain active “L” S-8244AAEFN-CEET2z 4.225 ± 0.025 V 0 V Nch open drain active “H” S-8244AAFFN-CEFT2z 4.350 ± 0.025 V 0.045 ± 0.02 V CMOS output active “H” S-8244AAGFN-CEGT2z 4.450 ± 0.025 V 0.045 ± 0.02 V CMOS output active “H” S-8244AAHFN-CEHT2z 4.300 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAIFN-CEIT2z 4.400 ± 0.025 V 0.045 ± 0.02 V CMOS output active “H” S-8244AAJFN-CEJT2z 4.500 ± 0.025 V 0.38 ± 0.1 V CMOS output active “H” S-8244AAKFN-CEKT2z 4.475 ± 0.025 V 0.38 ± 0.1 V CMOS output active “H” S-8244AALFN-CELT2z 4.350 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAMFN-CEMT2z 4.300 ± 0.025 V 0.25 ± 0.07 V CMOS output active “L” S-8244AANFN-CENT2z 4.150 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAOFN-CEOT2z 4.250 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAPFN-CEPT2z 4.050 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAQFN-CEQT2z 4.150 ± 0.025 V 0 V Nch open drain active “H” S-8244AARFN-CERT2z 4.300 ± 0.025 V 0.25 ± 0.07 V Nch open drain active “H” S-8244AATFN-CETT2z 4.200 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAUFN-CEUT2z 3.825 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAWFN-CEWT2z 4.500 ± 0.025 V 0.38 ± 0.1 V CMOS output active “L” S-8244AAXFN-CEXT2z 4.025 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244AAZFN-CEZT2S 4.280 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244ABAFN-CFAT2z 4.220 ± 0.025 V 0.045 ± 0.02 V CMOS output active “H” S-8244ABCFN-CFCT2z 3.750 ± 0.025 V 0.25 ± 0.07 V CMOS output active “H” S-8244ABGFN-CFGT2S 4.225 ± 0.025 V 0.045 ± 0.02 V Nch open drain active “L” S-8244ABIFN-CFIT2S 4.100 ± 0.025 V 0 V Nch open drain active “L” S-8244ABJFN-CFJT2S 4.325 ± 0.025 V 0.045 ± 0.02 V Nch open drain active “L” S-8244ABKFN-CFKT2S 4.175 ± 0.025 V 0 V Nch open drain active “L” Remark 1. Please contact our sales office for the products with the detection voltage value other than those specified above. 2. z: G or S |