công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7263-BLGT bảng dữ liệu(PDF) 13 Page - ams AG

tên linh kiện AS7263-BLGT
Giải thích chi tiết về linh kiện  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS7263-BLGT bảng dữ liệu(HTML) 13 Page - ams AG

Back Button AS7263-BLGT Datasheet HTML 9Page - ams AG AS7263-BLGT Datasheet HTML 10Page - ams AG AS7263-BLGT Datasheet HTML 11Page - ams AG AS7263-BLGT Datasheet HTML 12Page - ams AG AS7263-BLGT Datasheet HTML 13Page - ams AG AS7263-BLGT Datasheet HTML 14Page - ams AG AS7263-BLGT Datasheet HTML 15Page - ams AG AS7263-BLGT Datasheet HTML 16Page - ams AG AS7263-BLGT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Nov-25
Document Feedback
AS7263 − Detailed Description
Figure 14:
Internal Block Diagram
6-Channel NIR Spectral_ID Detector
The AS7263 6-channel Spectral_ID is a next-generation digital
spectral sensor device. Each channel has a Gaussian filter
characteristic with a full width half maximum (FWHM)
bandwidth of 20nm. The channels are spaced roughly at 50nm
intervals in the NIR spectrum: R, S, T, U, V, W. The sensor contains
analog-to-digital converters (16-bit resolution ADC), which
integrate the current from each channel’s photodiode. Upon
completion of the conversion cycle, the integrated result is
transferred to the corresponding data registers. The transfers
are double-buffered to ensure that the integrity of the data is
maintained.
Interference filters enable high temperature stability and
eliminate lifetime drift. Filter accuracy will be affected by the
angle of incidence, and require 0° angle of incidence ±20.0° for
specified accuracy. Angles of light beyond this will shift the
spectral response of the filters. The LGA package aperture
assists in the control of the light input, helping to maintain the
proper angle of incidence at the sensors.
Detailed Description
RC Osc
Spectral_ID
Engine
VDD1
VDD2
GND
16MHz
MISO
SCK
MOSI
CSN_SD
SYNC / RESN
°C
SPI
Master
TX / SDA_S
RX / SCL_S
UART / I
2C
LED_DRV
RS T
Multi
Spectral
Sensor
U
LED_IND
V W
I2C_ENB
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com