| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSW3100-310 bảng dữ liệu(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
MSW3100-310 bảng dữ liệu(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
|
3 / 15 page ![]() SP3T PIN Diode Switch Rev. V1 MSW310x-310 3 3 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support DS-xxxxxxx 3 1. PIN diode DC reverse voltage to maintain high resistance in the OFF PIN diode is determined by RF frequency, incident power, and VSWR as well as by the characteristics of the diode. The minimum reverse bias voltage values are provided in this datasheet. The input signal level applied for small signal testing is approximately 0 dBm. 2. Switching Speed ( 50 % TTL – 10/90 % RF Voltage ) is a function of the PIN diode driver performance as well as the characteristics of the diode. An RC “current spiking network” is used on the driver output to provide a transient current to rapidly remove stored charge from the PIN diode. Typical component values are: R = 50 to 220 Ω and C = 470 to 1,000 pF. MACOMs MPD3T28125-700 is the recommended PIN diode driver to interface with the MSW3100-310, MSW3101-310 SP3T switches. Truth Table Port J0 - J1 Port J0 - J2 Bias: J1 Bias: J2 Bias: J2 Bias: B1 Port J0 - J3 Bias: B2 Bias: B3 Bias: J0 Low Loss Isolation 0 V, -100 mA +27 V, 0 mA +27 V, 0 mA +27 V, 0 mA Isolation 0 V, -25 mA 0 V, -25 mA +5 V, +100 mA Isolation Low Loss +27 V, 0 mA 0 V, -100 mA +27 V, 0 mA 0 V, -25 mA Isolation +27 V, 0 mA 0 V, -25 mA +5 V, +100 mA Isolation Isolation +27 V, 0 mA +27 V, 0 mA 0 V, -100 mA 0 V, -25 mA Low Loss 0 V, -25 mA +27 V, 0 mA +5 V, +100 mA RF Bias Network Component Values Part # Frequency (MHz) Inductors DC Blocking Capacitors RF Bypass Capacitors MSW3100-310 50 - 1000 4.7 µH 0.1 µF 0.1 µF MSW3101-310 400 - 4000 82 nH 22 pF 270 pF |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |