| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F80/F80CT bảng dữ liệu(PDF) 6 Page - XP Power Limited |
|
|
|||||||||||||||||||||||||||||
F80/F80CT bảng dữ liệu(HTML) 6 Page - XP Power Limited |
|
6 / 6 page ![]() 4722AV03 PAGE 6 WWW.XPPOWER.COM OPTION CODE TABLE F SERIES * Notes: 1. At maximum rated output voltage. 2. Output voltage is load dependent. Under light or no load conditions, reduce input voltage so maximum rated output voltage is not exceeded. 3. Specifications after 1 hour warm up, full load, at 25C unless otherwise indicated. 4. Ripple specification for dual output units applies to the voltage between the positive and negative output terminals. 5. Proper thermal management techniques are required to maintain safe case temperature at maximum power output XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details. HOW TO ORDER Model Output Voltage (See table) EXAMPLE: F30CTH (F-Model, 30-Output Voltage, CT-Center Tap, H-Holes) PART NUMBER SELECTOR: Model Number: F30CTH Mounting Holes (optional) Center Tap (for dual output option) OPTION ORDER CODE MODELS POLARITY Positive / Negative reversible Blank ALL Dual Output (center tap) option CT ALL OPTIONS ROHS R ALL Mounting Holes H UP TO 6KV |