công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KAQY412ATR bảng dữ liệu(PDF) 3 Page - COSMO Electronics Corporation

tên linh kiện KAQY412ATR
Giải thích chi tiết về linh kiện  4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSMO [COSMO Electronics Corporation]
Trang chủ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY412ATR bảng dữ liệu(HTML) 3 Page - COSMO Electronics Corporation

  KAQY412ATR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY412ATR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M01001.5
- 3 -
http://www.cosmo-ic.com
cosmo
KAQY412 Series
4PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Absolute Maximum Ratings
(Ta=25℃)
Item
Symbol
Rating
Unit
Input
Continuous forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
Power dissipation
Pin
100
mW
Derate linearly from 25℃
-
1.3
mW/℃
Output
Breakdown voltage
VB
60
V
Continuous load current
IL
200
mA
Power dissipation
Pout
500
mW
Isolation voltage
Viso
KAQY412S
KAQY412
1500Vrms
5000Vrms
Isolation resistance (Vio=500V)
Riso
≧10
10
Ω
Total power dissipation
Pt
550
mW
Derate linearly from 25℃
-
2.5
mW/℃
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-40 to +125
℃
Junction temperature
Tj
100
℃
Soldering temperature 10 seconds
Tsot
260
℃
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Avg.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.5
V
Operation input current
IFOFF
VL=20V, IL≦5μA
-
-
3.0
mA
Recovery input current
IFON
VL=20V, IL=100mA
0.2
-
-
mA
Output
Breakdown voltage
VB
IB=50μA, IF=10mA
60
-
-
V
Off-state leakage current
ILEAK
VL=60V, IF=5mA
-
1.0
2.0
μA
I/O capacitance
Ciso
VB=0V, f=1MHz
-
6
-
pF
ON resistance
RON
IF=0mA, IL=100mA
-
2.5
5
Ω
Reverse (ON) time
TON
IF=10mA, VL=20V
IL=100mA, t=10ms
-
0.6
1.5
ms
Operate (OFF) time
TOFF
-
0.3
1.5
ms
 Turn-on / Turn-of Time
Output
Input
OFF
T
TON
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12