công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXIe-3985/M16G/SSD bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện PXIe-3985/M16G/SSD
Giải thích chi tiết về linh kiện  PXI-5 PXI Express hardware specification Rev.1.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PXIe-3985/M16G/SSD bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  PXIe-3985/M16G/SSD Datasheet HTML 1Page - List of Unclassifed Manufacturers PXIe-3985/M16G/SSD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Updated September 23, 2014. ©2014 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
1-6
www.adlinktech.com
PXIe Controller
Model Name
PXIe-3985
Specifications
Cable Accessory
Ordering Information
■ PXIe-3985
3U PXI Intel® Core™ i7-4700EQ 2.4GHz system
controller with 4 GB Memory & 500 GB HDD
■ PXIe-3985/M16G
3U PXI Intel® Core™ i7-4700EQ 2.4GHz system
controller with 16 GB Memory & 500 GB HDD
■ PXIe-3985/SSD
3U PXI Intel® Core™ i7-4700EQ 2.4GHz system
controller with 4 GB Memory & 240 GB SSD
■ PXIe-3985/M16G/SSD
3U PXI Intel® Core™ i7-4700EQ 2.4GHz system
controller with 16 GB Memory & 240 GB SSD
■ ACL-IEEE488-MD1-A
25-pin Micro-D to GPIB Cable, 1 Meter Length
■DisplayPort to VGA cable
Displayport (Plug) to D-DUB 15PIN (F) cable,
L=150mm
■DisplayPort to DVI cable
Displayport (Plug) to DVI (F) cable, L=150mm
■DisplayPort to HDMI cable
Displayport (Plug) to HDMI (F) cable, L=150mm
*One DisplayPort to VGA cable ships with the
ADLINK PXIe-3985 unit
Intel® Core™ i7-4700EQ 2.4 GHz
5 GT/s
Intel® QM87 Express chipset
Up to 16 GB SO-DIMM memory
Supports dual-channel DDR3L SDRAM, 1333/1600 MHz
3840 x 2160 @ 60 Hz
1920 x 1200 @ 60 Hz
DisplayPort adapters to other standards are available, maximum resolution achieved is dependent on the adapter chosen
500 GB (or greater) SATA hard drive2
240GB (or greater) SATA SSD
One Intel® I210 Gigabit Ethernet Controller and one Intel® I217 Gigabit Ethernet
Two RJ-45 connectors with speed/link/active LED on the faceplate
2 x USB 3.0 and 4 x USB 2.0 on the faceplate
Onboard IEEE488 GPIB controller
Micro-D 25-pin connector on the faceplate (ACL-IEEE488-MD1-A cable required)
SMB connector on the faceplate to route an external trigger signal to/from PXI trigger bus
3U/4-slot PXI/CompactPCI standard
1 system slot plus 3 controller expansion slots
1 kg (2.2 lbs)
0 to 50°C (32˚F to 122˚F) (w/ HDD)
0 to 55°C (32˚F to 131˚F) (w/ SSD)
-20 to 70°C (-4˚F to 158˚F)
5 to 95%, non-condensing
30 G, half-sine, 11 ms pulse duration
Operating: 5 to 500 Hz, 0.5 GRMS, 3 axes
Non-operating: 5 to 500 Hz, 2.46 GRMS, 3 axes
EN 61326-1, FCC Class A
Immunity: EN 61326-1
Core Features
CPU
DMI
Chipset
Memory
Display
DisplayPort
DVI
I/O Connectivity
Hard Drive1
Solid State Drive1
Ethernet
USB
GPIB
Trigger I/O
Mechanical and Environmental
Dimensions
Slot Requirements
Weight
Operating Temp.
Storage Temp.
Relative Humidity
Shock
Vibration
Emissions Compliance
CE Compliance
Note1. Depends on model ordered



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com