công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EDR-75 bảng dữ liệu(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện EDR-75
Giải thích chi tiết về linh kiện  UNIVERSAL AC INPUT/FULL RANGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

EDR-75 bảng dữ liệu(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  EDR-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. EDR-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. EDR-75 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. EDR-75 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT
INPUT
PROTECTION
SPECIFICATION
75W Single Output Industrial DIN RAIL
E D R - 7 5 series
File Name:EDR-75-SPEC 2015-10-29
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.6
FREQUENCY RANGE
EFFICIENCY (Typ.)
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
OVER TEMPERATURE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
NOTE
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
1200ms, 60ms/230VAC
2000ms, 60ms/115VAC at full load
60ms/230VAC
12ms/115VAC at full load
90 ~ 264VAC
127 ~ 370VDC
[DC input operation possible by connecting AC/L(+), AC/N(-)]
47 ~ 63Hz
85.5%
1.45A/115VAC
0.9A/230VAC
29 ~ 33V
87.5%
56 ~ 65V
88.5%
20A/115VAC
35A/230VAC
<1mA / 240VAC
14 ~ 17V
Protection type : Shut down o/p voltage, re-power on to recover
Shut down o/p voltage, re-power on to recover
UL508, TUV EN60950-1 approved;(meet EN60204-1)
Compliance to EN55022 (CISPR22) Class A, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, EN61000-6-2 (EN50082-2), heavy industry level, criteria A
-20 ~ +60℃ (Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +85℃, 10 ~ 95% RH
±0.03%/℃ (0 ~ 50℃)
Component:10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes; Mounting: Compliance to IEC60068-2-6
506.6K hrs min.
MIL-HDBK-217F (25℃)
32*125.2*102mm (W*H*D)
0.51Kg; 28pcs/15.3Kg/1.22CUFT
EDR-75-24
EDR-75-48
24V
48V
3.2A
1.6A
0 ~ 3.2A
0 ~ 1.6A
76.8W
76.8W
120mVp-p
150mVp-p
24 ~ 28V
48 ~ 55V
±1.0%
±1.0%
±0.5%
±0.5%
±1.0%
±1.0%
EDR-75-12
12V
6.3A
0 ~ 6.3A
75.6W
80mVp-p
12 ~ 14V
±2.0%
±0.5%
±1.0%
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:>100M Ohms / 500VDC / 25℃/ 70% RH
ENVIRONMENT
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
℃







105 ~ 130% rated output power
Protection type : Constant current limiting, recovers automatically after fault condition is removed
TEMP. COEFFICIENT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
PACKING
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
SAFETY &
EMC
(Note 4)
EMC IMMUNITY
EMC EMISSION



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com