| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC2918 bảng dữ liệu(PDF) 11 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC2918 bảng dữ liệu(HTML) 11 Page - NEC |
|
11 / 12 page ![]() Data Sheet G14983EJ3V0DS 11 µµµµPC2918, 2925, 2926 NOTES ON USE When the µµµµPC2918, 2925, and 2926 are used with an input voltage that is lower than the value indicated in the recommended operating conditions, a large quiescent current flows through the device due to saturation of the transistor of the output stage. (Refer to the IBIAS (IBIAS(S)) vs. VIN curves in TYPICAL CHARACTERISTICS). These products have saturation protector, but a current of up to 80 mA MAX. may flow through the device. Thus the power supply on the input side must have sufficient capacity to allow this quiescent current to pass when the device starts up. REFERENCE DOCUMENTS Document Name Document No. Usage of Three-Terminal Regulators User’s Manual G12702E Voltage Regulator of SMD Information G11872E Semiconductor Device Mounting Technology Manual Information C10535E SEMICONDUCTOR SELECTION GUIDE - Products and Packages- X13769X |