công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSC2301IPAG bảng dữ liệu(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSC2301IPAG
Giải thích chi tiết về linh kiện  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IPAG bảng dữ liệu(HTML) 81 Page - Texas Instruments

Back Button TSC2301IPAG Datasheet HTML 77Page - Texas Instruments TSC2301IPAG Datasheet HTML 78Page - Texas Instruments TSC2301IPAG Datasheet HTML 79Page - Texas Instruments TSC2301IPAG Datasheet HTML 80Page - Texas Instruments TSC2301IPAG Datasheet HTML 81Page - Texas Instruments TSC2301IPAG Datasheet HTML 82Page - Texas Instruments TSC2301IPAG Datasheet HTML 83Page - Texas Instruments TSC2301IPAG Datasheet HTML 84Page - Texas Instruments TSC2301IPAG Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
www.ti.com
N
periods +
(KCLN ) 1)
2
(14)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
Bits [14:12] — KCAM2-KCAM0
Keyclick Amplitude. These bits set the amplitude of the keyclick sound with eight amplitude levels provided.
KCAM[2:0] = 100 = Medium amplitude (default)
KCAM[2:0] = 111 = Maximum amplitude
KCAM[2:0] = 000 = Minimum amplitude
Bit 11 — RESERVED
This bit is reserved, and should be written to 0. If read, it reads back as 0.
Bits [10:8] — KCFR2-KCFR0
Keyclick Frequency. These bits set the frequency of the keyclick sound (frequencies are approximate).
Table 45. Keyclick Frequency
KCFR2
KCFR1
KCFR0
Keyclick Tone Frequency
0
0
0
62.5 Hz
0
0
1
125 Hz
0
1
0
250 Hz
0
1
1
500 Hz
1
0
0
1 k Hz (default)
1
0
1
2 k Hz
1
1
0
4 k Hz
1
1
1
8 k Hz
Bits [7:4] — KCLN3-KCLN0
Keyclick Length. These bits set the approximate duration of the keyclick sound, 16 settings for duration are
provided. The formula for the number of periods heard is:
KCLN[3:0] = 0000 = 2 periods of the keyclick sound (min)
KCLN[3:0] = 0001 = 4 periods of the keyclick sound (default)
KCLN[3:0] = 0010 = 6 periods of the keyclick sound
KCLN[3:0] = 0011 = 8 periods of the keyclick sound
KCLN[3:0] = 1111 = 32 periods of the keyclick sound (max)
Bit 3 — RESERVED
This bit is reserved, and should be written as 0. If read, it is read back as 0.
Bit 2 — MONS
Mono Select. This bit determines the position of the mono multiplexer. This multiplexer allows either the left
channel ADC Input or the mono mix of the stereo line outputs to be played out the differential mono output
(MONO+/-).
Table 46. Mono Select
MONS
Description
0
Mono output comes from left ADC input (default).
1
Mono output comes from mono mix of line outputs.
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com