công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD3SS460RNHT bảng dữ liệu(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện HD3SS460RNHT
Giải thích chi tiết về linh kiện  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RNHT bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button HD3SS460RNHT Datasheet HTML 21Page - Texas Instruments HD3SS460RNHT Datasheet HTML 22Page - Texas Instruments HD3SS460RNHT Datasheet HTML 23Page - Texas Instruments HD3SS460RNHT Datasheet HTML 24Page - Texas Instruments HD3SS460RNHT Datasheet HTML 25Page - Texas Instruments HD3SS460RNHT Datasheet HTML 26Page - Texas Instruments HD3SS460RNHT Datasheet HTML 27Page - Texas Instruments HD3SS460RNHT Datasheet HTML 28Page - Texas Instruments HD3SS460RNHT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
HD3SS460
www.ti.com
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Layout Guidelines (continued)
•
Decoupling capacitors should be placed next to each power terminal on the HD3SS460. Care should be
taken to minimize the stub length of the trace connecting the capacitor to the power pin.
•
Avoid sharing vias between multiple decoupling capacitors.
•
Place vias as close as possible to the decoupling capacitor solder pad.
•
Widen VCC/GND planes to reduce effect of static and dynamic IR drop.
•
The VBUS traces/planes must be wide enough to carry maximum of 2 A current.
11.2 Layout Example
Figure 20, Figure 21, and Figure 22 illustrate some guidelines for layout. Actual layout should be optimized for
various factors such as board geometry, connector type, and application.
Figure 20. USB Type C Connector to HD3SS460 Signal Routing
Figure 21. Dual SMT Mid-Mount Type C Connector Layout Example Zoom-in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37