công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E520.01 bảng dữ liệu(PDF) 1 Page - ELMOS Semiconductor AG

tên linh kiện E520.01
Giải thích chi tiết về linh kiện  Channel Low Side Driver with Stall Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELMOS [ELMOS Semiconductor AG]
Trang chủ  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E520.01 bảng dữ liệu(HTML) 1 Page - ELMOS Semiconductor AG

  E520.01 Datasheet HTML 1Page - ELMOS Semiconductor AG E520.01 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELMOS Semiconductor AG
Info Sheet
QM-No.: 25IS0054E.01
12 / 8 Channel low Side driver with Stall deteCtion
e520.01/02/03/08
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
Preliminary inFormation - jun 30, 2012
Features
Applications
Typical Applications Circuit
ÿ 8 or 12 high current outputs
ÿ R
ON = 1.5Ω (typ.) IMAX = 350mA
ÿ Outputs combinable for higher loads
ÿ Digital voltage range VDD 3.3V or 5.0V
ÿ Low standby current < 1µA @50°C
ÿ Low output leakage < 5µA @13V, RT
ÿ SPI interface with diagnostics
ÿ Open load detection
ÿ Short circuit limitation, - detection
ÿ Output clamping for inductive loads typ. >40V
ÿ Thermal overload protection
ÿ -40°C to +125°C operation temperature (QFN)
ÿ Stepper Motor Driver with Stall Detection
ÿ DC Motor Driver with PWM
ÿ Relay Driver with VBAT- automatically PWM
ÿ LED Driver with 3 logarithmic PWM sources
ÿ Switch Monitoring with pulsed current check and
control lamp
ÿ Switch Monitoring with control lamp
General Description
The IC drives 2 or 3 unipolar stepper motors and pro-
vides an optional stall detection for end position detec-
tion. For LED dimming a quasi logarithmic duty cycle
is following the physiology of the human eye. With 3
PWM sources color LEDs can be driven in 3-color LED
mode (245Hz PWM). The Relay PWM mode automati-
cally adjusts the PWM to an effective supply voltage of
typ. 11V. All outputs are short circuit and over-temper-
ature protected with error read back capability. Switch
monitoring with control lamp combination with only 1
wire and output is possible.
Ordering Information
Product ID
Channels
Stall
Detection
Package
E520.01
12
X
QFN32L5,
SOIC28
E520.02
12
QFN32L5,
SOIC28
E520.03
8
X
QFN32L5
QFN20L5,
SOIC20
E520.08
8
QFN32L5
QFN20L5,
SOIC20
External
µC
Interface
Overtemp.
detection
E520.01, E520.02, E520.03, E520.08
* E520.01, E520.03 only
** E520.01, E520.02 only
**
VDD
VBAT_Sense
VDD
DVBAT
CVBAT
CVDD
VDD
ResetB
CEB
SCLK
SI
SO
M M M
OUT0-3
Sleep
mode
control
CVBAT_Sense
VBAT
4
Current
Sense +
Limitation
Stall
detection*
Driver
control
Clamping
4
OUT4-7
OUT8-11


Số phần tương tự - E520.01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ELMOS Semiconductor AG
E520.14 ELMOS-E520.14 Datasheet
978Kb / 41P
Provides four HS-CAN physical interfaces
E520.24 ELMOS-E520.24 Datasheet
230Kb / 2P
Universal Smoke Detector Controller
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
System basis chip (SBC) for LIN applications
More results

Mô tả tương tự - E520.01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
STMicroelectronics
AN3327 STMICROELECTRONICS-AN3327 Datasheet
779Kb / 22P
L9942 back EMF stall detection algorithm
04-Dec-2013
logo
ELMOS Semiconductor AG
E523.30C ELMOS-E523.30C Datasheet
187Kb / 2P
Power LIN2.X Stepper with Stall Detection
E523.60 ELMOS-E523.60 Datasheet
210Kb / 2P
LIN 2.x OR PWM-INTERFACE STEPPER WITH STALL DETECTION
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
15-Jun-2017
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com