công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EB2-3SNU-L bảng dữ liệu(PDF) 13 Page - Kemet Corporation

tên linh kiện EB2-3SNU-L
Giải thích chi tiết về linh kiện  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

EB2-3SNU-L bảng dữ liệu(HTML) 13 Page - Kemet Corporation

Back Button EB2-3SNU-L Datasheet HTML 9Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 10Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 11Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 12Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 13Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 14Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 15Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 16Page - Kemet Corporation EB2-3SNU-L Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7001_EA2_EB2 • 2/27/2014
Miniature Signal Relays – EA2/EB2 Series
Notes on Using Relays
1. Contact Load
Makesurethatthecontactloadiswithinthespecifiedrange;otherwise,thelifetimeofthecontactswillbeshortenedconsiderably.
Note that the running performance shown is an example, and that it varies depending on parameters such as the type of load,
switching frequency, driver circuit, and ambient temperature under the actual operating conditions.
2. Driving Relays
• If the internal connection diagram of a relay shows + and - symbols on the coil, apply the rated voltage to the relay in the
specifieddirection.IfarippledDCcurrentsourceisused,abnormalitiessuchasheatatthecoilmayoccur.
• The maximum voltage that can be applied to the coil of the relay varies depending on the ambient temperature. Generally, the
higher the voltage applied to the coil, the shorter the operating time. Note, however, that high voltage also increases the bounce
of the contacts and the contact opening and closing frequency, which may shorten the lifetime of the contacts.
• For consistent operation, the driving voltage should have rise and fall times of less than 1 ms.
• Foralatchingrelay,applyavoltagetothecoilaccordingtothepolarityspecifiedintheinternalconnectiondiagramoftherelay.
• If a current is applied to the coil over a long period of time, the coil temperature rises, promoting generation of organic gas inside
the relay, which may result in faulty contacts. In this case, use of a latching relay is recommended.
• The operating time and release time indicate the time required for each contact to close after the voltage has been applied to or
removed from the coil. However, because the relay has a mechanical structure, a bounce state exists at the end of the operating
and release times. Furthermore, because additional time is required until the contact stabilizes after being in a high-resistance
state, care must be taken when using the relay at high speeds.
3. Operating Environment
• Makesurethattherelaymountedintheapplicationsetisusedwithinthespecifiedtemperaturerange.Useofarelayata
temperature outside this range may adversely affect insulation or contact performance.
• Iftherelayisusedforalongperiodoftimeinhighlyhumid(RH85%orhigher)environment,moisturemaybeabsorbedintothe
relay. This moisture may react with the NOx and SOx generated by glow discharges that occur when the contacts are opened or
closed, producing nitric or sulfuric acid. If this happens, the acid produced may corrode the metallic parts of the relay, causing
operational malfunction.
• If any material containing silicon (silicon rubber, silicon oil, and silicon based coating material) is used in the neighborhood of
relay, there is some possibility that these materials will emit silicon gas that will penetrate the relay. In this case, the switching
contact may generate silicon compounds on the surface of contacts. This silicon compound may result in contact failure. Avoid
use of relay in such an environment.
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EBE2 SERIES
13
NOTE ON CORRECT USE
1. Notes on contact load
Make sure that the contact load is within the specified range;
otherwise, the lifetime of the contacts will be shortened
considerably.
Note that the running performance shown is an example,
and that it varies depending on parameters such as the
type of load, switching
frequency, driver circuit, and
ambient temperature under the actual operating conditions.
Evaluate the performance by using the actual circuit before
using the relay.
2. Driving relays
- If the internal connection diagram of a relay shows + and -
symbols on the coil, apply the rated voltage to the relay in
the specified direction. If a rippled DC current source is
used, abnormalities such as beat at the coil may occur.
- The maximum voltage that can be applied to the coil of the
relay
varies depending on the ambient temperature.
Generally, the higher the voltage applied to the coil, the
shorter the operating time. Note, however, that a high
voltage also increases the bounce of the
contacts and
the contact opening and closing frequency, which may
shorten the lifetime of the contacts.
- If the driving voltage waveform of the relay coil rises and
falls gradually, the inherent performance of the relay may not
be fully realized. Make sure that the voltage waveform
instantaneously rises and falls as a pulse.
- For a latching relay, apply a voltage to the coil according to
the polarity specified in the internal connection diagram of
the relay.
- If a current is applied to the coil over a long period of time,
the coil temperature rises, promoting generation of organic
gas inside the relay, which may result in faulty contacts. In
this case, use of a latching relay is recommended.
- The operating time and release time indicate the time
required for each contact to close after the voltage has been
applied to or removed from the coil. However, because the
relay has a mechanical structure, a bounce state exists at
the end of the operating and release times. Furthermore,
because additional time is required until the contact
stabilizes after being in a high-resistance state, care must be
taken when using the relay at high speeds.
3. Operating environment
- Make sure that the relay mounted in the application set is
used within the specified temperature range. Use of a relay
at a temperature outside this range may adversely affect
insulation or contact performance.
- If the relay is used for a long period of time in highly humid
(RH 85% or higher) environment, moisture may be absorbed
into the relay. This moisture may react with the NOx and
SOx generated by glow discharges that occur when the
contacts are opened or closed, producing nitric or sulfuric
acid. If this happens, the acid produced may corrode the
metallic parts of the relay, causing operational malfunction.
-
If any material containing silicon (silicon rubber, silicon oil,
and silicon based coating material) is used in the
neighborhood of relay, there is some possibility that these
materials will emit silicon gas that will penetrate the relay. In
this case, the switching contact may generate silicon
compounds on the surface of contacts. This silicon
compound may result in contact failure. Avoid use of relay in
such an environment.
- Because the operating temperature range varies
depending on the humidity, use the relay in the temperature
range illustrated in the figure below. Prevent the relay from
being frozen and avoid the generation of condensation.
- The relay maintains constant sealability under normal
atmospheric pressure (810 to 1,200 hpa). Its sealability may
be degraded or the relay may be deformed and malfunction
if it is used under barometric conditions exceeding the
specified range.
- The same applies when the relay is stored or transported.
Keep the upper-limit value of the temperature to which the
relay is exposed after it is removed from the carton box to
within 50°C.
- Permanent magnets are used in polarized relays. For this
reason, when magnets, transformers, or speakers are
located nearby the relay characteristics may change and
faulty operations may result.
- If excessive vibration or shock is applied to the relay, it may
malfunction and the contacts remain closed. Vibration or
shock applied to the relay during operation may cause
considerable damage to or wearing of the contacts. Note that
operation of a snap switch mounted close to the relay or
shock due to the operation of magnetic solenoid may also
cause malfunctioning.
Nominal
coil voltage
0
<1msec.
<1msec.
-60 -40 -20 0 20 40
60
80 100
80
Temperature (°C )
60
40
20
85
5
Humidity
(%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com