công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP9316B-4 bảng dữ liệu(PDF) 3 Page - Sipex Corporation

tên linh kiện SP9316B-4
Giải thích chi tiết về linh kiện  16-Bit CMOS Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9316B-4 bảng dữ liệu(HTML) 3 Page - Sipex Corporation

  SP9316B-4 Datasheet HTML 1Page - Sipex Corporation SP9316B-4 Datasheet HTML 2Page - Sipex Corporation SP9316B-4 Datasheet HTML 3Page - Sipex Corporation SP9316B-4 Datasheet HTML 4Page - Sipex Corporation SP9316B-4 Datasheet HTML 5Page - Sipex Corporation SP9316B-4 Datasheet HTML 6Page - Sipex Corporation SP9316B-4 Datasheet HTML 7Page - Sipex Corporation SP9316B-4 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
183
VREF (Volts)
-10
-5
0
+5
+ 10
0.5
1.0
Typical @ 25°C
and +15V nominal
SPECIFICATIONS (continued)
(T
A=25°C; VDD =+15V, VREF = +10V; IO1 = AGND = GND = 0V; unipolar unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DIGITAL INPUTS
Logic Levels
V
IH
2.4
V
DD
Volts
V
IL
-0.3
0.8
Volts
Input Current
±1.0
±10.0
µA
Note 1
Input Capacitance
8
pF
Note 2
Coding
2-Quadrant Unipolar
Binary
4-Quadrant Bipolar
Offset Binary
ANALOG OUTPUT
Small Signal -3dB Bandwidth
1
MHz
Output Capacitance
C
OUT1
90
pF
C
OUT2
70
pF
POWER REQUIREMENTS
Supply Current
2.0
4.0
mA
DIG IN = V
IL or VIH
Voltage Range V
DD
+5
+15
+16
Volts
Power Dissipation
60
mW
DIG IN = V
IL or VIH
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
Commercial
0
+70
°C
Military
-55
+125
°C
Storage Temperature
-65
+150
°C
Package
Commercial
24–pin Plastic DIP
Military
24–pin CerDIP
Notes and Cautions:
1.
Logic inputs are MOS gates. I
IN typically is less than 1nA @ 25°C.
2.
Guaranteed by design, but not production tested.
3.
Unipolar: Using the internal R
FEEDBACK with nulled external amplifier in a constant 25°C ambient (offset doubles every 10°C).
4.
Using internal feedback resistor.
5.
Integral Linearity, for this product, is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation
and the greatest negative deviation from the theoretical value for any given input combination.
Differential Linearity is the deviation of an output step from the theoretical value of 1 LSB for any two adjacent digital input codes.
6.
The SP9316 series is designed to be used only in those applications where the current output is virtual ground; i.e. the summing
junction of an op amp in the inverting mode. The internal feedback resistor must be used to achieve temperature tracking. See
applications information for recommended circuit configurations.
7.
For military temperature range product, screened to MIL-STD-883C, please consult the factory.
8.
Sample tested only to ensure compliance.
9.
I
O1 load RL = 100Ω, CEXT = 13pF; all data inputs 0V to VDD or VDD to 0V; from 50% digital input change to 90% of final analog
output.
10.
V
REF = 0V, DAC register alternatively loaded with all 0’s and all 1’s.
11.
Measured at output I
O1; VREF = 20VP-P; F = 10kHz sinewave.
12.
Measured at output I
O1; VREF = 20VP-P; F = 1kHz sinewave.
0.008
0.006
0.004
0.002
0.000
0.010
1
0
2345
Warm–Up Time(Minutes)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com