công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACTF9272 bảng dữ liệu(PDF) 6 Page - Advanced Crystal Technology

tên linh kiện ACTF9272
Giải thích chi tiết về linh kiện  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACT [Advanced Crystal Technology]
Trang chủ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9272 bảng dữ liệu(HTML) 6 Page - Advanced Crystal Technology

  ACTF9272 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
- 6 -
SAW Filter
NDF9272
2441.80 MHz
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.
Test Circuit
Recommended Land Pattern
Packing Information
Carrier Tape



Html Pages

1 2 3 4 5 6 7