công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACTF9295 bảng dữ liệu(PDF) 7 Page - Advanced Crystal Technology

tên linh kiện ACTF9295
Giải thích chi tiết về linh kiện  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACT [Advanced Crystal Technology]
Trang chủ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9295 bảng dữ liệu(HTML) 7 Page - Advanced Crystal Technology

  ACTF9295 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Recommended Soldering Profile
○
C
E
A
ACT 2012. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.
- 7 -



Html Pages

1 2 3 4 5 6 7