| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KTLP3617HTLD bảng dữ liệu(PDF) 7 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KTLP3617HTLD bảng dữ liệu(HTML) 7 Page - COSMO Electronics Corporation |
|
7 / 10 page ![]() Cosmo Electronics Corp. Document No. 69P46003.2 - 7 - http://www.cosmo-ic.com cosmo KTLP3617 Series 8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER Numbering System KTLP3617 X (Y) Notes: KTLP3617 = Part No. X = Lead form option ( blank、S、H、L ) Y = Tape and reel option ( TL、TR、TLD、TRU ) Option Description Packing quantity S (TL) surface mount type package + TL tape & reel option 1000 units per reel S (TR) surface mount type package + TR tape & reel option 1000 units per reel L (TLD) long creepage distance for surface mount type package + TLD tape & reel option 800 units per reel L (TRU) long creepage distance for surface mount type package + TRU tape & reel option 800 units per reel Recommended Pad Layout for Surface Mount Lead Form 1.9 1.9 8-pin SMD 8-pin L 8.3 10.7 1. Surface mount type. 2. Long creepage distance for surface mount type. Unit:mm |