công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIP105 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện TIP105
Giải thích chi tiết về linh kiện  Plastic Medium-Power Complementary Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP105 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  TIP105 Datasheet HTML 1Page - ON Semiconductor TIP105 Datasheet HTML 2Page - ON Semiconductor TIP105 Datasheet HTML 3Page - ON Semiconductor TIP105 Datasheet HTML 4Page - ON Semiconductor TIP105 Datasheet HTML 5Page - ON Semiconductor TIP105 Datasheet HTML 6Page - ON Semiconductor TIP105 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
www.onsemi.com
3
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
ORDERING INFORMATION
Device
Package
Shipping
TIP100
TO−220
50 Units / Rail
TIP100G
TO−220
(Pb−Free)
50 Units / Rail
TIP101
TO−220
50 Units / Rail
TIP101G
TO−220
(Pb−Free)
50 Units / Rail
TIP102
TO−220
50 Units / Rail
TIP102G
TO−220
(Pb−Free)
50 Units / Rail
TIP105
TO−220
50 Units / Rail
TIP105G
TO−220
(Pb−Free)
50 Units / Rail
TIP106
TO−220
50 Units / Rail
TIP106G
TO−220
(Pb−Free)
50 Units / Rail
TIP107
TO−220
50 Units / Rail
TIP107G
TO−220
(Pb−Free)
50 Units / Rail
80
0
0
20
40
60
80
100
120
160
Figure 2. Power Derating
T, TEMPERATURE (
°C)
40
20
60
140
TC
4.0
0
2.0
1.0
3.0
TA
TA
TC



Html Pages

1 2 3 4 5 6 7