công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS8406-DSZ bảng dữ liệu(PDF) 4 Page - Cirrus Logic

tên linh kiện CS8406-DSZ
Giải thích chi tiết về linh kiện  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DSZ bảng dữ liệu(HTML) 4 Page - Cirrus Logic

  CS8406-DSZ Datasheet HTML 1Page - Cirrus Logic CS8406-DSZ Datasheet HTML 2Page - Cirrus Logic CS8406-DSZ Datasheet HTML 3Page - Cirrus Logic CS8406-DSZ Datasheet HTML 4Page - Cirrus Logic CS8406-DSZ Datasheet HTML 5Page - Cirrus Logic CS8406-DSZ Datasheet HTML 6Page - Cirrus Logic CS8406-DSZ Datasheet HTML 7Page - Cirrus Logic CS8406-DSZ Datasheet HTML 8Page - Cirrus Logic CS8406-DSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
DS580F6
CS8406
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to 0 V)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent damage to the
device. Normal operation is not guaranteed at these extremes.)
Notes:
1. Transient currents of up to 100 mA will not cause SCR latch-up.
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V; all voltages with respect to 0 V.)
2. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
3. Normal operation is defined as RST = HI.
4. Assumes that no inputs are left floating. It is recommended that all digital inputs be driven high or low
at all times.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VD
VL
3.14
3.14
3.3 or 5.0
3.3 or 5.0
5.25
5.25
V
V
Ambient Operating Temperature:
Commercial Grade
Automotive Grade
TA
TA
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VD, VL
-
6.0
V
Input Current, Any Pin Except Supplies
(Note 1)
Iin
-±10
mA
Input Voltage
Vin
-0.3
VL + 0.3
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Power-Down Mode (Note 2)
Supply Current in power down
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
20
40
0
0
-
-
-
-
A
A
A
A
Normal Operation (Note 3)
Supply Current at 48 kHz frame rate (Note 4)
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
1.9
3.5
6.5
10.6
-
-
-
-
mA
mA
mA
mA
Supply Current at 192 kHz frame rate (Note 4)
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
7.6
12.7
7.2
12
-
-
-
-
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com