công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL68137IRAZ bảng dữ liệu(PDF) 39 Page - Intersil Corporation

tên linh kiện ISL68137IRAZ
Giải thích chi tiết về linh kiện  Digital Dual Output, 7-Phase Configurable PWM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137IRAZ bảng dữ liệu(HTML) 39 Page - Intersil Corporation

Back Button ISL68137IRAZ Datasheet HTML 35Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 36Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 37Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 38Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 39Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 40Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 41Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 42Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
ISL68134
39
FN8817.0
September 28, 2016
Submit Document Feedback
STATUS_INPUT (7Ch)
Definition: Returns a summary of input voltage faults.
Paged or Global: Global
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Default Value: N/A
STATUS_TEMPERATURE (7Dh)
Definition: Returns a summary of temperature related faults.
Paged or Global: Global
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Default Value: N/A
COMMAND
STATUS_INPUT (7Ch)
Format
Bit Field
Bit Position
76
5
4321
0
Access
R
R
R
RRRR
R
Function
See Following Table
BIT NUMBER
MEANING
7
An input overvoltage fault has occurred.
6:5
Not used
4
An input undervoltage fault has occurred. This fault is initially masked until VIN exceeds the UV threshold
3Not used
2
An input overcurrent fault has occurred.
1:0
Not used
COMMAND
STATUS_TEMPERATURE (7Dh)
Format
Bit Field
Bit Position
76
5
4321
0
Access
R
R
R
RRRR
R
Function
See Following Table
BIT NUMBER
MEANING
7
An over-temperature fault has occurred.
6
An over-temperature warning has occurred.
5Not used
4
An under-temperature fault has occurred.
3:0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com